Part Number Hot Search : 
LTM4623 88523 MCP2155 RL204 ZPD20 RTL8208 L31Y5R6K 25L64
Product Description
Full Text Search
 

To Download WBR10-150A Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Type WBR 85 C, Industrial Grade, Axial Leaded, Aluminum
85 C, Industrial Grade
Type WBR capacitors are the preferred choice for many varied industrial applications because they have high capacitance and extended life characteristics. The rugged construction delivers the high vibration resistance required in industrial applications
Highlights
* * * * High capacitance Extended life Rugged construction High vibration resistance
Specifications
Capacitance Range: 1.0 to 5,000 F Voltage Range: 16 to 450 Vdc Capacitance Tolerance: 16 to 50 Vdc -10 + 150%, 75 to 350 Vdc -10 + 100%, 450 Vdc -10 + 50% Operating Temperature Range: -40 C +85C Leakage Current: 16-75 Vdc 0.01CV + 10 A 150-450 Vdc 0.03CV + 20 A Ripple Current Multipliers: Ambient Temperature
45 C 1.50 Frequency 0-60 Vdc 61-200 Vdc 201-450 Vdc
Complies with the EU Directive 2002/95/EC requirement restricting the use of Lead (Pb), Mercury (Hg), Cadmium (Cd), Hexavalent chromium (Cr(VI)), PolyBrominated Biphenyls (PBB) and PolyBrominated Diphenyl Ethers (PBDE).
55 C 1.46 60 Hz 0.85 0.83 0.80
65 C 1.32
75 C 1.17
85 C 1.00
95 C 0.79
105 C 0.50 100 kHz 1.15 1.20 1.30
120 Hz 400 Hz 1.00 1.00 1.00 1.10 1.15 1.15
1000 Hz 1.15 1.20 1.30
10 kHz 50 kHz 1.15 1.20 1.30 1.15 1.20 1.30
Outline Drawing
Load Life: 2,000 h @ +85 C Capacitance 20% ESR 150% of limit DCL 100% of limit Shelf Life: 500 h @ 85 C Capacitance 20% ESR 150% of limit DCL 100% of limit Vibration: 10 to 55 Hz; 0.06" and 10 g max, 2 h in each plane
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com
Type WBR 85 C, Industrial Grade, Axial Leaded, Aluminum
Part Numbering System
WBR Type WBR 500 Capacitance 500 = 500 F -- 16 Voltage 16 = 16 Vdc A Lead A = 1.5" 20 AWG Blank = See table
Ripple Max ESR @ 85 C 120 Hz 120 Hz () (A) 16 Vdc ( 20 Vdc Surge ) 5.30 0.057 2.10 0.118 1.10 0.270 0.53 0.420 0.27 0.660 0.18 0.820 0.13 1.000 0.11 1.200 25 Vdc ( 30 Vdc Surge ) 48.00 0.018 19.00 0.031 9.50 0.044 4.80 0.074 1.80 0.155 0.95 0.280 0.48 0.450 0.23 0.720 35 Vdc ( 40 Vdc Surge ) 4.40 0.086 2.95 0.114 1.45 0.195 0.87 0.285 0.44 0.450 0.22 0.910 0.15 1.150 50 Vdc ( 65 Vdc Surge ) 390.00 0.010 195.00 0.012 77.00 0.014 39.00 0.020 15.50 0.035 7.70 0.060 3.90 0.140 2.50 0.160 1.50 0.220 0.77 0.340 0.39 0.530 0.25 0.740 75 Vdc ( 95 Vdc Surge ) 2.50 0.180 1.30 0.280 0.72 0.400 Max Case Size DxL (Inches) 0.34 0.34 0.40 0.40 0.47 0.52 0.65 0.65 0.28 0.28 0.34 0.34 0.40 0.40 0.47 0.65 0.40 0.40 0.47 0.52 0.54 0.65 0.74 0.28 0.28 0.28 0.28 0.34 0.40 0.40 0.40 0.40 0.52 0.65 0.65 0.47 0.52 0.65 0.76 0.88 1.00 1.32 1.57 1.83 1.83 1.83 0.57 0.57 0.76 0.76 1.00 1.32 1.57 1.83 0.88 1.00 1.32 1.67 1.67 1.83 1.69 0.57 0.57 0.57 0.57 0.76 1.88 1.00 1.00 1.32 1.57 1.83 1.83 1.32 1.57 1.83
E Epoxy Endseal E = Epoxy Blank = No epoxy
Ripple Max Case Size DxL (Inches) 0.34 0.34 0.40 0.40 0.40 0.40 0.40 0.47 0.47 0.65 0.65 0.65 0.74 0.74 0.40 0.40 0.40 0.47 0.47 0.52 0.52 0.65 0.65 0.74 0.40 0.47 0.52 0.65 0.40 0.40 0.47 0.47 0.47 0.52 0.65 0.65 0.65 0.74 0.88 0.88 0.88 0.88 1.00 1.32 1.57 1.32 1.57 1.57 1.83 1.83 1.69 1.69 1.00 1.32 1.32 1.57 1.57 1.57 1.83 1.83 1.83 1.69 1.00 1.32 1.57 1.83 1.00 1.00 1.57 1.57 1.57 1.57 1.83 1.83 1.83 1.69
Ratings
Cap (F) 100 250 500 1000 2000 3000 4000 5000 10 25 50 100 250 500 1000 2000 100 150 300 500 1000 2000 3000 1 2 5 10 25 50 100 150 250 500 1000 1500 150 275 500 Catalog Part Number Cap (F) 4 5 8 10 16 20 30 40 50 60 80 100 150 125 4 8 12 16 20 30 40 50 60 80 4 8 20 40 1 2 4 5 8 10 12 16 20 30
Catalog Part Number
Max ESR 120 Hz ()
@ 85 C 120 Hz (A)
WBR100-16A WBR250-16A WBR500-16A WBR1000-16A WBR2000-16A WBR3000-16A WBR4000-16A WBR5000-16A WBR10-25A WBR25-25A WBR50-25A WBR100-25A WBR250-25A WBR500-25A WBR1000-25A WBR2000-25A WBR100-35A WBR150-35A WBR300-35A WBR500-35A WBR1000-35A WBR2000-35A WBR3000-35A WBR1-50A WBR2-50A WBR5-50A WBR10-50A WBR25-50A WBR50-50A WBR100-50A WBR150-50A WBR250-50A WBR500-50A WBR1000-50A WBR1500-50A WBR150-75A WBR275-75A WBR500-75A
WBR4-150A WBR5-150A WBR8-150A WBR10-150A WBR16-150A WBR20-150A WBR30-150A WBR40-150A WBR50-150A WBR60-150A WBR80-150A WBR100-150A WBR150-150A WBR125-180A WBR4-250A WBR8-250A WBR12-250A WBR16-250A WBR20-250A WBR30-250A WBR40-250A WBR50-250A WBR60-250A WBR80-250A WBR4-350A WBR8-350A WBR20-350A WBR40-350A WBR1-450A WBR2-450A WBR4-450A WBR5-450A WBR8-450A WBR10-450A WBR12-450A WBR16-450A WBR20-450A WBR30-450A
150 Vdc ( 175 Vdc Surge ) 78.00 0.018 62.00 0.020 39.00 0.030 31.00 0.034 19.50 0.045 15.50 0.050 10.50 0.085 7.80 0.096 6.20 0.105 5.20 0.130 3.90 0.155 3.10 0.190 2.05 0.230 180 Vdc ( 250 Vdc Surge ) 2.30 0.300 250 Vdc ( 300 Vdc Surge ) 64.00 0.035 32.00 0.056 21.50 0.062 16.00 0.065 12.50 0.075 8.40 0.105 6.30 0.125 5.00 0.140 4.20 0.180 3.10 0.200 350 Vdc ( 400 Vdc Surge ) 51.00 0.036 26.00 0.050 10.00 0.090 5.10 0.135 450 Vdc ( 525 Vdc Surge ) 205.00 0.023 102.00 0.030 51.00 0.038 40.00 0.042 26.00 0.053 20.00 0.058 17.00 0.062 12.50 0.084 10.00 0.105 6.70 0.130
CDE Cornell Dubilier * 1605 E. Rodney French Blvd. * New Bedford, MA 02744 * Phone: (508)996-8561 * Fax: (508)996-3830 * www.cde.com


▲Up To Search▲   

 
Price & Availability of WBR10-150A

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X